Part Number Hot Search : 
SA58632 UNR1216S F11N60 1035CT SM5617NE 13003 PQ160 PQ160
Product Description
Full Text Search
 

To Download ARF1511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D1
D3
ARF1511
D1 D3
G1 S1D2 S3D4 G2
G3
G1 S1D2 G3
ARF1511
S3D4
G4
G2 S2 G4 S4
RF POWER MOSFET
FULL-BRIDGE
S2
S4
380V
750W
40MHz
The ARF1511 is four RF power transistor arranged in an H-Bridge configuration. It is intended for off-line 300V operation in high power scientific, medical and, industrial RF power generator and amplifier applications up to 40 MHz. * High Performance Power RF Package. * Specified 380 Volt, 27.12 MHz Characteristics: * Very High Breakdown for Improved Ruggedness. * Output Power = 750 Watts. * Low Thermal Resistance. * Gain = 17dB (Class D) * Nitride Passivated Die for Improved Reliability.
* RoHS Compliant
MAXIMUM RATINGS
Symbol VDSS ID VGS PD TJ,TSTG TL Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Gate-Source Voltage Total Device Dissipation @ TC = 25C Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
All Ratings: TC = 25C unless otherwise specified.
ARF 1511 UNIT Volts Amps Volts Watts C
500 20 30 1500 -55 to 175 300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS VDS(ON) IDSS IGSS gfs Visolation VGS(TH) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 A) On State Drain Voltage
1
MIN
TYP
MAX
UNIT Volts A nA mhos Volts Volts
500 5 6 25 250 100 3.3 TBD 3 5 5.5
8
(I D(ON) = 10A, VGS = 10V)
Zero Gate Voltage Drain Current (VDS = 500V, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 400V, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Forward Transconductance (VDS = 25V, ID = 10A) RMS Voltage (60Hz Sinewave from terminals to mounting surface for 1 minute) Gate Threshold Voltage (VDS = VGS, ID = 50mA)
THERMAL CHARACTERISTICS
Symbol Characteristic (per package unless otherwise noted) RJC RJHS Junction to Case Junction to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.) MIN TYP MAX UNIT C/W
10-2008 050-4927 Rev D
0.10 0.16
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Microsemi Website - http://www.microsemi.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss td(on) tr td(off) tf EAR EAS Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Repetitive Avalanche Energy
2 3
ARF1511
Test Conditions VGS = 0V VDS = 200V f = 1 MHz VGS = 15V VDD = 250V ID = 20A @ 25C RG = 1.6 MIN TYP MAX UNIT
1200 150 60 7 6 20 4.4 10 450
1400 200 90
pF
ns
mJ
Single Pule Avalanche Energy
FUNCTIONAL CHARACTERISTICS
Symbol GPS Characteristic Common Source Amplifier Power Gain Drain Efficiency Electrical Ruggedness VSWR 6:1 Test Conditions f = 40.7 MHz VGS = 0V VDD = 380V MIN TYP MAX UNIT dB %
13
15 75
Pout = 750W
No Degradation in Output Power
1 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%. 2 Repetitive Rating: Pulse width limited by maximum junction temperature. 3 Starting Tj = +25C, L = 2.25mH, RG = 25, Peak IL = 20A
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
D1
D3
.100 .175
D1
D3
HAZARDOUS MATERIAL WARNING
G3
G1
G3
1.065" 27.05 mm
S1D2
ARF1511
S3D4
.100 .075 .100 .175
G1 S1D2 S3D4 G2
G2 S2
G4 S4
.100 .075 .100
G4
.300
1.065" 27.05 mm
.300
S2
S4
The ceramic portion of the device between leads and mounting surface is beryllium oxide, BeO. Beryllium oxide dust is toxic when inhaled. Care must be taken during handling and mounting to avoid damage to this area. These devices must never be thrown away with general industrial or domestic waste.
Thermal Considerations and Package Mounting:
.254 .045 .005
050-4927 Rev D 10-2008
The rated 1500W power dissipation is only available when the package mounting surface is at 25C and the junction temperature is 175C. The thermal resistance between junctions and case mounting surface is 0.10C/W. When installed, an additional thermal impedance of 0.06C/W between the package base and the mounting surface is smooth and flat. Thermal joint compound must be used to reduce the effects of small surface irregularities. The heatsink should incorporate a copper heat spreader to obtain best results. The package is designed to be clamped to a heatsink. A clamped joint maintains the required mounting pressure while allowing for thermal expansion of both the device and the heat sink. A simple clamp, and two 6-32 (M3.5) screws can provide the minimum 125 lb. required mounting force. T=4-6 in-lb. Please refer to App Note 1802 "Mounting Instructions for Flangeless Packages."
Clamp ARF 1511
Heat Sink


▲Up To Search▲   

 
Price & Availability of ARF1511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X